|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PD-94705 FULL-FEATURED POWER MODULE FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR F-43 / MP3-43L Packages 25A Push-Pull 3-Phase Brushless DC Motor Controller / Driver Module in a Power Flatpack F-43 OM9373 OM9373SF OM9373SP MP3-43L Description: The OM9373 is one of a series of versatile, integrated three-phase brushless DC motor controller/driver subsystems housed in a 43 pin power flatpack. The OM9373 is best used as a two quadrant speed controller for controlling/driving fans, pumps, and motors in applications which require small size. Many integral control features provide the user much flexibility in adapting the OM9373 to specific system requirements. The small size of the complete subsystem is ideal for aerospace, military, and high-end industrial applications. Two package types provide a broad range of cost and screening options to fit any application. Features: n Fully Integrated 3-Phase Brushless DC Motor n n n n n n n n Control Subsystem includes Power Stage, Non-Isolated Driver Stage and Controller Stage MOSFET Output Stage 25A Average Phase Current with 80V Maximum Bus Voltage Internal Precision Current Sense Resistor (6W Max. Dissipation) Speed and Direction Control of Motor Brake Input for Dynamic Braking of Motor Overvoltage/Coast Input for Shutdown of All Power Switches Soft Start for Safe Motor Starting Unique Hermetic or Plastic Ring Frame Power Flatpacks Hermetic (3.10" X 2.10" X 0.385") Plastic Ring Frame (4.13" X 2.00" X 0.49") Applications: n Fans and Pumps n Hoists n Actuator Systems www.irf.com 1 11/21/03 OM9373 Absolute Maximum Ratings Parameter Motor Supply Voltage Peak Motor Supply Voltage Average Phase Output Current Peak Phase Output Current Control Supply Voltage Logic Input Voltage (Note 1) Reference Source Current Error Amplifier Input Voltage Range Error Amplifier Output Current Spare Amplifier Input Voltage Spare Amplifier Output Current Current Sense Amplifier Input Voltage Current Sense Amplifier Output Current Tachometer Output Current PWM Input Voltage Operating Junction Temperature Storage Temperature Range Lead Soldering Temperature, 10s maximum, 0.125" from case Package Isolation Voltage Power Switch Junction-to-Case Thermal Resistance * TCASE = 25C * * TCASE = 25C, Maximum pulse width = 10 mS Symbol Vm Vm pk Io Iom Vcc Value 80 100 25 50 +18 -0.3 to +8.0 -30 Units V A* Apeak ** V mA V mA V mA V mA V C Vrms C/W ( EA1+ / EA1-) ( EA2+ / EA2-) (ISH / ISL) -0.3 to +10 8 -0.3 to +10 8 -0.3 to +6.0 10 -0.3 to +6.0 -55 to 150 -65 to 150 300 600 0.35 RJC Recommended Operating Conditions ( Tcase = 25C ) Parameter Motor Power Supply Voltage Average Phase Output Current With Internal Current Sense Resistor ( Note2 ) Each Power Switch Control Supply Voltage Logic Low Input Voltage (maximum) Logic High Input Voltage (minimum) Io V cc Vil Vih 25 15+10% 0.8 2.0 V A Symbol Vm Value +48 Units V Note 1: Logic Inputs: Direction, Hall Inputs (H1--- H3) Overvoltage - Coast, Speed, and Quad Select. Note 2: The internal 5m current sense resistor is limited to 6 Wdc power disipation. Other values are avaliable. Please contact International Rectifier for more information. 2 www.irf.com OM9373 Electrical Characteristics Parameter Power Output Section Zero Gate Voltage Drain Current Drain-to-Source On-Resistance Gate Body Leakage Current Diode Forward Voltage Diode Reverse Recovery Time Idss Vds = 80Vdc, Vgs = 0V 250 100 0.9 200 nA V nS Rds(on) Id = 35A, Vgs = 10V ( Note 4 ) Igssr Vgs = 20Vdc, Vds = 0V Vf trr IS = 35A IS = 25A, di/dt = -100A/sec, VGS = 0V 0.024 Ohms Symbol Test Conditions (Note 1) Min. Typ. Max. Units Control Section Control Supply Current Control Turn-On Threshold Driver Turn-On Threshold Icc VCC over operating range 9.45 13 100 mA V Vcc(+) TC over operating range Reference Section Output Voltage Output Voltage Output Current Load Regulation Short Circuit Current V ref Io ILOAD = 0mA to -20mA Isc TC over operating range TC over operating range 4.9 4.7 -40 50 5.0 5.0 -5.0 100 5.1 5.3 30 150 V mA mV mA Error / Spare Amplifiers Section EA1 / EA2 Input Offset Current EA1 / EA2 Input Bias Current Input Offset Voltage Amplifier Output Voltage Range Ios Iin Vos V(pin 2) = V(pin 4) = 0V, V(pin 3) = V(pin 6) = 0V V(pin 2) = V(pin 4) = 0V, V(pin 3) = V(pin 6) = 0V 0V < Vcommon-mode < 3.0V -30 -50 0 -3.0 -45 0 0 7.0 6.0 nA mV V PWM Comparator Section PWM Input Current Iin V(pin 9) = 2.5V 0 3.0 30 Current-Sense Amplifier Section ISH / ISL Input Current Input Offset Current Peak Current Threshold Voltage Over Current Threshold Voltage ISH / ISL Input Voltage Range Amplifier Voltage Gain Amplifier Level Shift Iin Ios Vpk Voc AV V(pin 12) = V(pin 13) = 0V, V(pin 12) = V(pin 13) = 0V, V(pin 12) = 0V, V(pin 13) Varied to Threshold ( Note 2 ) V(pin 12) = 0.3V, V(pin 13) = 0.5V to 0.7V V(pin 12) = V(pin 13) = 0.3V -850 0.14 0.26 -1.0 1.75 2.4 -320 2.0 0.20 0.30 1.95 2.5 0 12 0.26 0.36 2.0 2.15 2.65 V V/V V www.irf.com 3 OM9373 Electrical Characteristics - Continued Parameter Logic Input Section H1, H2, H3 Low Voltage Threshold H1, H2, H3 High Voltage Threshold H1, H2, H3 Input Current Quad Select / Direction Threshold Voltage Quad Select Voltage Hysteresis Direction Voltage Hysteresis Quad Select Input Current Direction Input Current Vil Vih Iin Vth Vh lin TC over operating range TC over operating range, V(pin 20, 21, or 22) = 0Vdc TC over operating range 0.8 1.6 -400 0.8 -30 -30 1.0 1.9 -250 1.4 70 0.6 50 -1.0 1.2 2.0 -120 2.0 150 30 V V mV V Symbol Test Conditions (Note 1) Min. Typ. Max. Units Overvoltage / Coast Input Section Overvoltage / Coast Inhibit Threshold Voltage Overvoltage / Coast Restart Threshold Voltage Overvoltage / Coast Hysteresis Voltage Overvoltage / Coast Restart Input Current Vth Vh Iin 1.65 TC over operating range 1.55 0.05 -10 1.75 1.65 0.10 -1.0 1.85 1.75 0.15 0 V Soft-Start Section Soft-Start Pull-Up Current Soft-Start Discharge Current Soft-Start Reset Threshold Voltage Ip Id Vth V(pin 18) = 0V V(pin 18) = 2.5V -16 0.1 0.1 -10 0.4 0.2 -5.0 3.0 0.3 mA V Tachometer/Brake Section Tachometer Output High Level Tachometer Output Low Level Tachometer On-Time Tachometer On-Time Variation Brake/Tach Timing Input Current Brake/Tach Timing Threshold Voltage Voltage Hysteresis Speed Input Threshold Voltage Speed Input Current Voh Vol ton Iin Vth Vh Vth Iin TC over operating range TC over operating range V(pin 16) = 0V TC over operating range Tc over operating range (pin15) 10K to 2.5V 4.7 85 -4.0 0.8 220 -30 5.0 100 0.1 -1.9 1.0 0.09 257 -5.0 5.3 0.2 140 1.2 290 30 V S % mA V mV A Oscillator Section Oscillator Frequency Specification Notes: 1. All parameters specified for Ta = 25C, Vcc = 15Vdc, Rosc= 75K (to Vref), Cosc = 1800pF, and all Phase Outputs unloaded (Ta-Tj). All negative currents shown are sourced by (flow from) the pin under test. 2. Either ISH or ISL may be driven over the range shown. 3. Bold parameters tested over temperature range. 4. Pulse Test: Pulse Width 300 Sec,Duty Cycle 2%. fo Measured at pin 10 13.5 14.8 20 KHz 4 www.irf.com OM9373 APPLICATIONS Start-Up Conditions The OM9373 3-phase brushless DC motor controller/ driver is designed to drive fractional to integral horsepower motors. To ensure proper operation, it is necessary to ensure that the high-side bootstrap capcitors are charged during initial start-up. However, the method(s) used to ensure this may be dependant upon the application. For example, some applications may only require that OV_COAST (pin 17) be connected to ground, either via a hardwire connection or via a switch (Enable/Disable), before applying Vcc. When Vcc is applied, the controller/driver is forced into brake mode for approximately 200s (all highside drivers are disabled and all low-side drivers are enabled). This may not be adequate for other applications; while maintaining a constant speed command,(above zero),the RC_BRAKE (pin 16) may have to be momentarily connected to ground via a switch, either manually or electronically (ref. Figure 1). Note that with the component values shown in Figure 1, RC_BRAKE is pulled for low for approximately 300ms after applying Vcc at pin 1. Fig 1: Optional Start-Up Circuit www.irf.com 5 OM9373 Modes of Operation Figures 2 and 3, shown on the following pages, provides schematic representations of typical voltagemode and current -mode applications for the OM9373 controller/driver. Figure 2 represents the implemenation of a typical voltage-mode controller for velocity control. A voltage or speed command is applied to the noninverting input of the error amplifier which is configured as voltage follower. The ouput of the error amplifier is compared to a pulse width modulated ramp,and since motor speed is nearly proportional to the average phase output voltage, the average speed is controlled via duty cycle control. If a speed feedback loop is required, the tachometer output can be connected to the inverting input of the error amplifier via a loop compensation network. Figure 2 also shows the implementation of the cycle-by-cycle current limit/overcurrent protection feature of the OM9373. The load current is monitored red via the controller's internal sense resistor. The current sense signal is filtered and fed into the current rent sense amplifier where the absolute value of ISH-ISL is multiplied by two and biased up by 2.5V The output of the current sensor amplifier is compared to a fixed reference, thus providing cycle-by-cycle current limiting and/or overcurrent protection as necessary. The typical peak current threshold (ISL-ISH) is 0.2V; the typical over current threshold (ISH-ISL) is 0.3V. Fig 2: Implementation of a Voltage -Mode Controller +15V 10uF 3.24k + .1uF COMMAND 1k 1.50k .1uF 10k .1uF FROM MOTOR HALL SENSORS H3 H2 H1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 4700pF 232 Vcc EA1EA2+ EA1+ VREF EA2EA2_OUT EA1_OUT PWM_IN OSCILLATOR I_SENSE ISH ISL QUAD_SEL TACH_OUT BRAKE OV_COAST SOFT_START GROUND H3_HALL_INPUT H2_HALL_INPUT H1_HALL_INPUT SPEED_IN DIRECTION CSH CSL V_MOTOR 43 V_MOTOR 42 PHASE_A_OUT 41 PHASE_A_OUT SOURCE_A SOURCE_A V_MOTOR 40 39 38 C_BUS + C_FILT 37 PHASE_B_OUT 36 PHASE_B_OUT SOURCE_B SOURCE_B V_MOTOR 35 34 33 MOTOR 32 PHASE_C_OUT 31 PHASE_C_OUT N/C SOURCE_C 30 29 H1 H2 H3 28 MOTOR_RETURN 27 MOTOR_RETURN HALL SENSORS 232 6 www.irf.com OM9373 Figure 3 represents the implementation of a typical current-mode controller for torque control. The load current is monitored via the controller's internal sense resistor. The current sense signal is filtered and fed into the current sense amplifier where the absolute value of ISH-ISL is multiplied by two and biased up by 2.5V. Besides the implementation of the cycle-bycycle current limit/overcurrent protection feature of the OM9373 discussed in the preceding paragraph, the output of the current sense amplifier is fed into the error amplifier which is configured as a differential amplifier. An error signal representing the difference between the current command input and the value of the amplified current sense signal is produced. Then it is compared to a pulse width modulated ramp and since torque is nearly proportional to the average phase output current, the torque controlled via duty cycle control. Fig 3: Implementation of a Current-Mode Controller CURRENT_COMMAND +15V 10uF 3.24k + .1uF 35.6k 1k OFFSET 1800pF 3.24k .26uF 2k 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 43k .1uF 10k .1uF Vcc EA1EA2+ EA1+ VREF EA2EA2_OUT EA1_OUT PWM_IN OSCILLATOR I_SENSE ISH ISL QUAD_SEL TACH_OUT BRAKE OV_COAST SOFT_START GROUND H3_HALL_INPUT H2_HALL_INPUT H1_HALL_INPUT SPEED_IN DIRECTION CSH CSL V_MOTOR PHASE_A_OUT PHASE_A_OUT SOURCE_A SOURCE_A V_MOTOR PHASE_B_OUT PHASE_B_OUT SOURCE_B SOURCE_B V_MOTOR PHASE_C_OUT PHASE_C_OUT N/C SOURCE_C 43 42 41 C_BUS 40 39 38 37 36 35 34 33 32 31 30 29 + V_MOTOR C_FILT MOTOR FROM MOTOR HALL SENSORS H3 H2 H1 H1 H2 H3 4700pF 232 28 MOTOR_RETURN 27 MOTOR_RETURN HALL SENSORS 232 www.irf.com 7 OM9373 Simplified Block Diagram 8 www.irf.com OM9373 Pin Descriptions / Functionality VCC (Pin 1) -- The Vcc Supply input provides bias voltage to all of the internal control electronics within the OM9373, and should be connected to a nominal +15Vdc power source. High frequency bypass capacitors (10uF polarized in parallel with 0.1uF ceramic are recommended) should be connected as close as possible to pin 1 and Ground (pin 19). ERROR AMPLIFIER (EA1- Input, Pin 2; EA1+ Input, Pin 4; EA1 Output, Pin 8) -- The Error Amplifier is an uncommitted LM158-type operational amplifier, providing the user with many external control loop compensation options. This amplifier is compensated for unity gain stability, so it can be used as a unity gain input buffer to the internal PWM comparator when pin 2 is connected to pin 8. The output of the Error Amplifier is internally connected to the PWM comparator's "-" input, simplifing external layout connections. +5V REFERENCE OUTPUT (Pin 5) -- This output provides a temperature-compensated, regulated voltage reference for critical external loads. It is recommended that this pin be used to power the external Hall-effect motor position sensors. By design, the +5V reference must be in regulation before the remainder of the control circuitry is activated. This feature allows the Hall-effect sensors to become powered and enabled before any Phase Output is enabled in the OM9373 preventing damage at turnon. High-frequency bypass capacitors (10uF polarized in parallel with 0.1uF ceramic are recommended) should be connected as close as possible to pin 5 and Ground (pin 19). SPARE AMPLIFIER (EA2- Input, Pin 6; EA2+ Input, Pin 3; EA2 Output, Pin 7) -- The Spare Amplifier is an uncommitted LM158-type operational amplifier, and in addition to the internal error amplifier, provides the user with additional external control loop compensation options. This amplifier is also compensated for unity gain stability and it can be used as a unity gain input buffer when pin 6 is connected to pin 7. If the Spare Amplifier is unused, pin 3 should be connected to Ground, and pin 6 should be connected to pin 7. PWM INPUT (Pin 9) -- This pin is connected to the "+" input of the internal PWM comparator. The PWM output clears the internal PWM latch, which in turn commands the Phase Outputs to chop. For voltagemode control systems, pin 9 may be connected to the Oscillator Timing Input, pin 10. OSCILLATOR TIMING INPUT (Pin 10) -- The Oscillator Timing Input sets a fixed PWM chopping frequency by means of an internal resistor (Rosc), whose value is set to 75k, connected from pin 10 to the +5V Reference Output, and an internal capacitor (Cosc), whose value is 1800pF, connected from pin 10 to Ground. In custom applications, the recommended range of values for Rosc is 10k to 100k, and for Cosc is 0.001uF to 0.01uF and the maximum operating frequency should be kept below 20kHz. The approximate oscillator frequency is: ( Rosc x Cosc ) The voltage waveform on pin 10 is a ramp whose magnitude is approximately 1.2Vp-p, centered at approximately 1.6Vdc. In addition to the voltagemode PWM control, pin 10 may be used for slope compensation in current-mode control applications. ISENSE (Pin 11) -- This pin is connected to the output of the internal current-sense amplifier. It drives a peak-current (cycle-by-cycle) comparator which controls Phase Output chopping, and a failsafe current comparator which, in the event of an output overcurrent condition, activates the soft-start feature and disables the Phase Outputs until the overcurrent condition is removed. The magnitude of the voltage appearing at pin 11 is dependent upon the voltages present at the current-sense amplifier inputs, ISH and ISL: V(Isense) = 2.5V + [2 x ABS (ISH - ISL)] [ V ] CURRENT SENSE INPUTS (ISH, Pin 12; ISL, pin 13) These inputs to the current-sense amplifier are inter changeable and they can be used as differential inputs. The differential voltage applied between pins 12 and 13 should be kept below +/-0.5Vdc to avoid saturaion. fo = 2 [ Hz ] www.irf.com 9 OM9373 QUAD SELECT INPUT (Pin 14) -- This input is used to set the OM9373 in a half control or full control chopping regime. When driven with a logic low level, the OM9373 is in the half control mode, whereby only the three lower (pull-down) power switches associated with the Phase Outputs are allowed to chop. Alternately, when driven with a logic high level, the OM9373 is in the full control mode, where all six power switches (pull-up and pull-down) associated with the Phase Outputs are chopped by the PWM. During motor braking, changing the logic state of the Quad Select Input has no effect on the operation of the OM9373. approximately 1.67V by an internal timing resistor. The Brake / Tach Timing Input has another function. If this pin is pulled below the brake threshold voltage, the OM9373 will enter the brake mode. The brake mode is defined as the disabling of all three high-side (pull-up) drivers associated with the Phase Outputs, and the enabling of all three low-side (pulldown) drivers. OVERVOLTAGE / COAST INPUT (Pin 17) -- This input may be used as a shutdown or an enable/ disable input to the OM9373. Also, since the switching inhibit threshold is so tightly defined, this input can be directly interfaced with a resistive divider which senses the voltage of the motor supply, Vm, for overvoltage conditions. A high level (greater than the inhibit threshold) on pin 17 causes the coast condition to occur, whereby all Phase Outputs revert to a Hi-Z state and any motor current which flowed prior to the Overvoltage/ Coast command and is commutated via the power "catch" rectifiers associated with each Phase Output. SOFT-START INPUT (Pin 18) -- The Soft-Start input is internally connected to a 10A (nominal) current source, the collector of an NPN clamp/discharge transistor, and a voltage comparator whose softstart/restart threshold is 0.2Vdc (nominal). An external capacitor is connected from this pin to Ground (pin 19). Whenever the Vcc supply input drops below the turn-on threshold, approximately 9Vdc, or the sensed current exceeds the overcurrent threshold, approximately 0.3V at the current sense amplifier, the soft-start latch is set. This drives the NPN clamp transistor which discharges the external soft-start capacitor. When the capacitor voltage drops below the soft-start/restart threshold and a fault condition does not exist, the soft-start latch is cleared; the soft-start capacitor charges via the internal current source. In addition to discharging the soft-start capacitor, the clamp transistor also clamps the output of the error amplifier internal to the controller IC, not allowing the voltage at the output of the error amplifier to exceed the voltage at pin 18, regardless of the inputs to the amplifier. This action provides for an orderly motor start-up either at start-up or when recovering from a fault condition. TACHOMETER OUTPUT (Pin 15) -- This output provides a fixed width 5V pulse when any Halleffect Input (1, 2 or 3) changes state. The pulse width of the Tachometer Output is set internally in the OM9373 to 113s (nominal). The average value of the output voltage on pin 15 is directly proportional to the motor's speed, so this output may be used (with an external averaging filter) as a true tachometer output, and fed back to the Speed Input (pin 23) to sense the actual motor speed. Note: Whenever pin 15 is high, the internal Hall-effect position latches are inhibited (i.e. "latched"), to reject noise during the chopping portion of the commutation cycle, and this makes additional com mutations impossible. This means that in order to prevent false commutation at a speed less than the desired maximum speed, the highest speed as observed at the Tachometer Output should be set above the expected maximum value. BRAKE / TACH TIMING INPUT (Pin 16) -- The Brake/Tach Timing Input is a dual-purpose input. Internal to the OM9373 are timing components tied from pin 16 to Ground (a 51k resistor and a 3300pF capacitor) These components set the minimum pulse width of the Tachometer Output to 113s, and this time may be adjusted using external components, according to the equation: T(tach) = 0.67 x (Ct + 3300pf) x Rt x 51k (s) Rt + 51k ( ) The recommended range of external resistance (to Ground) is 15k to , and the range of external capacitance (to Ground) is 0pF to 0.01uF. With each Tachometer Output pulse, the capacitor tied to pin 16 is discharged from approximately 3.33V to 10 www.irf.com OM9373 GROUND (Pin 19) - The voltages that control the OM9373 are referenced with respect to this pin. All bypass capacitors, timing resistors and capacitors, loop compensation components, and the Hall-effect filter capacitors must be referenced as close as possible to pin 19 for proper circuit operation. Additionally, pin 19 must be connected as close as physically possible to the Motor Return, pins 27 and 28. HALL-EFFECT INPUTS (H1, Pin 22; H2, Pin 21; H3, Pin 20) - Each input has an internal pull-up resistor to the +5V Reference. Each input also has an internal 180pF noise filter capacitor to Ground. In order to minimize the noise which may be coupled from the motor commutation action to these inputs, it is strongly recommended that additional external filter capacitors, whose value is in the range of 2200pF, be connected from each Hall-Effect Input pin to Ground. Whatever capacitor value is used, the rise/fall times of each input must be guaranteed to be less than 20us for proper tachometer action to occur. Motors with 60 degree position sensing may be used if one or two of the Hall-effect sensor signals is inverted prior to connection to the HallEffect Inputs. SPEED INPUT (Pin 23) - This pin is connected to the "+" input of a voltage comparator, whose threshold is 0.25Vdc. As long as the Speed Input is less than 0.25V, the direction latch is transparent. When the Speed Input is greater than 0.25V, then the direction latch inhibits all changes in direction. It is recommeded, especially while operating in the half control mode, that the Tachometer Output is connected to the Speed Input via a low-pass filter, such that the direction latch is transparent only when the motor is spinning very slowly. In this case, the motor has too little stored energy to damage the power devices during direction reversal. DIRECTION INPUT (Pin 24) - This input is used to select the motor direction. This input has an internal protection feature: the logic-level present on the Direction Input is first loaded into a direction latch, then shifted through a two-bit shift register before interfacing with the internal output phase driver logic decoder. Also, protection circuitry detects when the input and the output of the direction latch or the 2-bit shift register are different, and inhibits the Phase Outputs (i.e. Hi-Z) during those times. This feature may be used to allow the motor to coast to a safe speed before a direction reversal takes place. Power stage cross-conduction ( current "shoot-through" from Vmotor to Ground through simultaneously enabled pull-up and pull-down drivers ) is prevented by the shift register as it is clocked by the PWM oscillator, so that a fixed delay of between one and two PWM oscillator clock cycles occurs. This delay or "dead-time" guarantees that power-stage cross-conduction will not occur. CURRENT SENSE OUTPUTS (CSH, Pin 25; CSL, Pin 26) - The Current Sense Outputs produce a differential voltage equal to the motor current times the sense resistance value (5m nominal). There is an internal 0.018F filter capacitor across pins 25 and 26, and two 100 series resistors, one between each pin and each end of the current sense resistor. To configure the current sense amplifier for cycleby-cycle current limiting and/or overcurrent protection, connect pin 25 to pin 12 (ISH) and pin 26 to pin 13 (ISL). MOTOR RETURN (Pins 27 and 28) - These pins are connected to the most negative terminal of the motor supply (Vm-). This connection is electrically isolated from the logic ground internal to the OM9373 package to minimize, if not eliminate, noise on the logic ground. The connection to the logic ground is made by the user external to the package (refer to Ground (pin 19)). In order to minimize packaing losses and parasitic effects, it is essential that both of these pins be firmly connected to the motor supply Ground, with as short a connection as physically possible. SOURCE (Pins 29, 34, 35, 39 and 40) - The source pins form the low-side connection of the pull-down switches associated with each Phase Output. Because of the switching current capability of the OM9373, all 5 pins should be externally connected together with a low impedance bus to minimize losses and voltage differentials. Also, due to layout design considerations, pin 29 is internally connected to the "top" of the internal current-sense resistor. www.irf.com 11 OM9373 PHASE OUTPUTS (Phase A, Pins 41 and 42; Phase B, Pins 36 and 37; Phase C, Pins 31 and 32) These outputs are connected to either Vmotor via the pull-up driver or Source via the pull-down driver, depending upon the Hall-Effect and Direction Inputs (see Commutation Truth Table). The two pins associated with each Phase Output must be connected to one of the three phases of the motor driven by the OM9373. VMOTOR (Pins 33, 38, and 43) - These pins are connected to the most positive terminal of the motor supply (Vm+). For proper operation, all three pins must be connected together externally with a low impedance power bus. The Vmotor power bus should be bypassed with an adequately voltagerated ceramic capacitor, 0.1F (typical), and a lowESR electrolytic capacitor, whose capacitance can be selected by the following: 10F-per-Ampere of average motor current from Vmotor to Motor Return. Note: All connections, including the power bus capacitor connections, must be made as close as possible to the Vmotor and Motor Return pins to minimize parasitic effects. Pin Designation Pin No. 1 2 3 4 5 6 7 8 9 10 11 Designation VCC EA1 "-" Input EA2 "+" Input EA1 "+" Input +5V Reference Output Pin No. 12 13 14 15 16 17 18 19 20 21 22 Designation ISH ISL Quad Select Input Tachometer Output Brake/Tach Timing Input Overvoltage/Coast Input Pin No. 23 24 25 26 27 28 29 30 31 32 33 Designation Speed Input Direction Input CSH CSL Motor Return Motor Return Source C ( No Connection) Phase C Output Phase C Output Vmotor Pin No. Designation 34 35 36 37 38 39 40 41 42 43 Case Source B Source B Phase B Output Phase B Output Vmotor Source A Source A Phase A Output Phase A Output Vmotor (No Connection) EA2 "-" Input EA2 Output EA1 Output PWM Input Oscillator Timing Input Soft-Start Input Ground H3 Input H2 Input H1 Input Isense 12 www.irf.com OM9373 Commutation Truth Table Table 1 shows the Phase Output state versus the state of the Hall-Effect and Direction Inputs. Please note that the OM9373 Hall-Effect Inputs are Grey-encoded; that is, only one input is allowed to change from one input state to another at a time. The commutation coding shown reflects Hall-Effect sensors that are spaced at 120 mechanical increments. Also, internal protection logic disables all three Phase Outputs when the Hall-Effect Inputs are set to an illegal condition (i.e. all logic low or all logic high). Table 1 - Commutation Truth Table Digital Inputs Dir 1 1 1 1 1 1 0 0 0 0 0 0 X X Phase Outputs H3 1 1 0 0 0 1 1 0 0 0 1 1 0 1 H1 0 0 0 1 1 1 1 1 1 0 0 0 0 1 H2 0 1 1 1 0 0 0 0 1 1 1 0 0 1 A Hi-Z Sink Sink Hi-Z Source Source Sink Sink Hi-Z Source Source Hi-Z Hi-Z Hi-Z B Sink Hi-Z Source Source Hi-Z Sink Source Hi-Z Sink Sink Hi-Z Source Hi-Z Hi-Z C Source Source Hi-Z Sink Sink Hi-Z Hi-Z Source Source Hi-Z Sink Sink Hi-Z Hi-Z Package and Screening Options The OM9373 is offered in F-43, a hermetic flatpack package as well as in MP3-43L, a plastic ring frame, low profile flatpack package. The hermetic version is offered in two standard screening levels: a full military temperature range of -55C to +125C with limited screening and with MIL-STD-883 screening. The plastic ring frame version is offered in an industrial temperature range of -40C to +85C with limited screening. The screening levels for the SFB, SFP and SPP versions are listed in the table below. All tests and inspections are in accordance with those listed in MIL-STD-883. Test / Inspection Precap Visual Inspection Temperature Cycle Mechanical Shock Hermeticity ( Fine and Gross Leak ) Pre Burn-In Electrical Burn-In ( 160 hours ) Final Electrical Test Group A Testing Final Visual Inspection SFB 100% 100% 100% 100% 100% 100% -55C, 25C, +125C 100% 100% SFP 100% NA NA 100% NA NA +25C NA 100% SPP 100% NA NA NA NA NA +25C NA 100% www.irf.com 13 OM9373 Mechanical Outline - F-43 ( OM9373SF ) aPin 1 Pin 43 Pin 26 Mechanical Outline - MP3-43L ( OM9373SP ) a Pin 1 Pin 43 Pin 26 IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR LEOMINSTER: 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 11/03 14 www.irf.com |
Price & Availability of OM9373 |